Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 2 Page - Analog Microelectronics

  AM462 Datasheet HTML 1Page - Analog Microelectronics AM462 Datasheet HTML 2Page - Analog Microelectronics AM462 Datasheet HTML 3Page - Analog Microelectronics AM462 Datasheet HTML 4Page - Analog Microelectronics AM462 Datasheet HTML 5Page - Analog Microelectronics AM462 Datasheet HTML 6Page - Analog Microelectronics AM462 Datasheet HTML 7Page - Analog Microelectronics AM462 Datasheet HTML 8Page - Analog Microelectronics AM462 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
2/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
CONTENTS
CONTENTS
2
FEATURES
3
GENERAL DESCRIPTION
3
BLOCK DIAGRAM
3
ELECTRICAL SPECIFICATIONS
4
BOUNDARY CONDITIONS
6
DETAILED DESCRIPTION OF FUNCTIONS
6
INITIAL OPERATION OF AM462
6
General information on 2- and 3-wire applications and the use of current
6
Setting the output current range
6
Selecting the supply voltage
6
Using OP2 as a current source
6
Using OP2 as a voltage reference
6
POINTS TO NOTE: INITIAL OPERATION OF AM462
6
APPLICATIONS
6
Typical 3-wire application with an input signal referenced to ground
6
Typical 2-wire application with an input signal referenced to ground
6
Application for an input signal with an offset
6
BLOCK DIAGRAM AND PINOUT
6
EXAMPLE APPLICATIONS
6
DELIVERY
6
PACKAGE DIMENSIONS
6
FURTHER READING
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com