Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM462 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 9Page - Analog Microelectronics AM462 Datasheet HTML 10Page - Analog Microelectronics AM462 Datasheet HTML 11Page - Analog Microelectronics AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics AM462 Datasheet HTML 16Page - Analog Microelectronics AM462 Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
13/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
32
.
4
V
1
mA
20
27
8
8
0
≈
⋅
Ω
⋅
=
=
INP
OUT
GAIN
V
I
R
G
⇒
32
.
3
1
32
.
4
2
1
=
−
=
R
R
Observing the boundary conditions (page 7), the following values are obtained for the external
components:
R1 ≈ 33.2kΩ R2 = 10kΩ
R0 = 27Ω
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
Typical 2-wire application with an input signal referenced to ground
In 2-wire operation (cf. Figure 8) system supply voltage VS is connected up to pin RS+ and pin VCC
to pin RS-. The ground of the IC (pin GND) is connected to the node between resistor R5 and load
resistor RL.. IC ground (GND) is not the same as system ground (Ground). The output signal is
picked up via load resistor RL which connects current output IOUT to the system ground.
It must be ensured that in 2-wire operation an additional current load (use of current/voltage source)
is limited to 4mA due to the domestic current supply and limitation.
For output current IOUT the following applies according to Equations 1 and 2:
SET
I
INP
OUT
I
R
G
V
I
+
⋅
=
0
8
with
2
1
1
R
R
G
G
GAIN
I
+
=
=
and
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
Ground
R
5
R
L
1
Single-ended
input voltage
Connections setting unused function blocks to a defined operating point
3-wire connection
1
2
AM462
OP2
R
1
R
2
4
OP1
5
3
Voltage Reference
R
0
14
6
13
11
8
9
10
V
I
T
1
D
1
C
1
15
16
I
SET = 0
V
INP
V
S
I
OUT
V
BG
Figure 7:
Typical application for input signals referenced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com