Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/PQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC18F23K20-E/PQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC18F23K20-E/PQTP Datasheet HTML 61Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 62Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 63Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 64Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 65Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 66Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 67Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 68Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 63
PIC18F2XK20/4XK20
5.0
MEMORY ORGANIZATION
There are three types of memory in PIC18 Enhanced
microcontroller devices:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate busses; this allows for concur-
rent access of the two memory spaces. The data
EEPROM, for practical purposes, can be regarded as
a peripheral device, since it is addressed and accessed
through a set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 6.0
“Flash
Program
Memory”.
Data
EEPROM
is
discussed separately in Section 7.0 “Data EEPROM
Memory”.
5.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
program memory space. Accessing a location between
the upper boundary of the physically implemented
memory and the 2-Mbyte address will return all ‘0’s (a
NOP
instruction).
This family of devices contain the following:
• PIC18F23K20, PIC18F43K20: 8 Kbytes of Flash
Memory, up to 4,096 single-word instructions
• PIC18F24K20, PIC18F44K20: 16 Kbytes of Flash
Memory, up to 8,192 single-word instructions
• PIC18F25K20, PIC18F45K20: 32 Kbytes of Flash
Memory, up to 16,384 single-word instructions
• PIC18F26K20, PIC18F46K20: 64 Kbytes of Flash
Memory, up to 37,768 single-word instructions
PIC18 devices have two interrupt vectors. The Reset
vector address is at 0000h and the interrupt vector
addresses are at 0008h and 0018h.
The program memory map for PIC18F2XK20/4XK20
devices is shown in Figure 5-1. Memory block details
are shown in Figure 23-2.
FIGURE 5-1:
PROGRAM MEMORY MAP AND STACK FOR PIC18F2XK20/4XK20 DEVICES
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector
Low Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
On-Chip
Program Memory
High Priority Interrupt Vector
0008h
1FFFFFh
4000h
3FFFh
Read ‘0’
200000h
8000h
7FFFh
On-Chip
Program Memory
Read ‘0’
1FFFh
2000h
On-Chip
Program Memory
Read ‘0’
PIC18F25K20/
45K20
PIC18F24K20/
44K20
PIC18F23K20/
43K20
Read ‘0’
FFFFh
PIC18F26K20/
46K20
On-Chip
Program Memory
10000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com