Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/PQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC18F23K20-E/PQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/PQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC18F23K20-E/PQTP Datasheet HTML 13Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 14Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 15Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 16Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 17Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 18Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 19Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 20Page - Microchip Technology PIC18F23K20-E/PQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 15
PIC18F2XK20/4XK20
PORTA is a bidirectional I/O port.
RA0/AN0/C12IN0-
RA0
AN0
C12IN0-
227
I/O
I
I
TTL
Analog
Analog
Digital I/O
Analog input 0, ADC channel 0
Comparators C1 and C2 inverting input
RA1/AN1/C12IN1-
RA1
AN1
C12IN1-
328
I/O
I
I
TTL
Analog
Analog
Digital I/O
ADC input 1, ADC channel 1
Comparators C1 and C2 inverting input
RA2/AN2/VREF-/CVREF/
C2IN+
RA2
AN2
VREF-
CVREF
C2IN+
41
I/O
I
I
O
I
TTL
Analog
Analog
Analog
Analog
Digital I/O
Analog input 2, ADC channel 2
A/D reference voltage (low) input
Comparator reference voltage output
Comparator C2 non-inverting input
RA3/AN3/VREF+/C1IN+
RA3
AN3
VREF+
C1IN+
52
I/O
I
I
I
TTL
Analog
Analog
Analog
Digital I/O
Analog input 3, ADC channel 3
A/D reference voltage (high) input
Comparator C1 non-inverting input
RA4/T0CKI/C1OUT
RA4
T0CKI
C1OUT
63
I/O
I
O
ST
ST
CMOS
Digital I/O
Timer0 external clock input
Comparator C1 output
RA5/AN4/SS/HLVDIN/
C2OUT
RA5
AN4
SS
HLVDIN
C2OUT
74
I/O
I
I
I
O
TTL
Analog
TTL
Analog
CMOS
Digital I/O
Analog input 4, ADC channel 4
SPI slave select input
High/Low-Voltage Detect input
Comparator C2 output
RA6
See the OSC2/CLKOUT/RA6 pin
RA7
See the OSC1/CLKIN/RA7 pin
TABLE 1-2:
PIC18F2XK20 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
QFN
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1: Default assignment for CCP2 when Configuration bit CCP2MX is set.
2: Alternate assignment for CCP2 when Configuration bit CCP2MX is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com