Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AC Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL431AC
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 2Page - STMicroelectronics TL431AC Datasheet HTML 3Page - STMicroelectronics TL431AC Datasheet HTML 4Page - STMicroelectronics TL431AC Datasheet HTML 5Page - STMicroelectronics TL431AC Datasheet HTML 6Page - STMicroelectronics TL431AC Datasheet HTML 7Page - STMicroelectronics TL431AC Datasheet HTML 8Page - STMicroelectronics TL431AC Datasheet HTML 9Page - STMicroelectronics TL431AC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics
TL431
6/13
Figure 3.
Test circuit for VKA = VREF
Figure 4.
Test circuit for VKA = VREF
Figure 5.
Test circuit for IOFF
Figure 6.
Test circuit for phase margin and
voltage gain
Figure 7.
Block diagram of TL1431
Figure 8.
Test circuit for response time
Input
V
KA
V
REF
I
K=10mA
Output
R
VKA = VREF
+ R1 x IREF
1
R1
R2
--------
+
()
Input
V
KA
V
REF
I
K
R1
R2
I
REF
R
Output
V
KA=36V
I
OFF
Input
V
REF
I
K=10mA
10
µF
10
µF
Vref
Cathode
Anode
+
-
Vref
Vref
Cathode
Anode
+
-
Vref
I
K=1mA
0 mA
1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com