Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AC Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL431AC
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 3Page - STMicroelectronics TL431AC Datasheet HTML 4Page - STMicroelectronics TL431AC Datasheet HTML 5Page - STMicroelectronics TL431AC Datasheet HTML 6Page - STMicroelectronics TL431AC Datasheet HTML 7Page - STMicroelectronics TL431AC Datasheet HTML 8Page - STMicroelectronics TL431AC Datasheet HTML 9Page - STMicroelectronics TL431AC Datasheet HTML 10Page - STMicroelectronics TL431AC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL431
Electrical Characteristics
7/13
Figure 9.
Reference voltage vs. temp.
Figure 10. Reference voltage vs. cathode current
Figure 11. Reference voltage vs. cathode current Figure 12. Reference current vs. temp.
Figure 13. Off-state cathode current vs. temp.
Figure 14. Ratio of change in VREF to change in
VKA vs. temp.
-40
-20
0
20
40
60
80
100
2.44
2.46
2.48
2.50
2.52
2.54
V
KA
= V
REF
I
K
= 10 mA
Temperature (
°C)
-1
0
123
-50
-25
0
25
50
75
100
T
AMB
=+25
°C
Cathode voltage V
KA
(V)
-1
0
123
-2
-1
0
1
2
T
AMB
= +25
°C
Cathode voltage V
KA
(V)
−40
−20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
I
K
=10 mA
R
1
=10k
Ω
R2= +
∝
Temperature °C
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
V
KA
= 36 V
V
REF
= 0 V
Temperature (
°C)
-40
-20
0
20
40
60
80
100
-2.0
-1.5
-1.0
-0.5
0.0
I
K
= 10 mA
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com