Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8M64 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 9Page - Sharp Corporation LM8M64 Datasheet HTML 10Page - Sharp Corporation LM8M64 Datasheet HTML 11Page - Sharp Corporation LM8M64 Datasheet HTML 12Page - Sharp Corporation LM8M64 Datasheet HTML 13Page - Sharp Corporation LM8M64 Datasheet HTML 14Page - Sharp Corporation LM8M64 Datasheet HTML 15Page - Sharp Corporation LM8M64 Datasheet HTML 16Page - Sharp Corporation LM8M64 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
9999
Note 4) Contrast adjust voltage “Vcon-Vss” is transformed into the LCD driving voltage “VLCD” by following
circuit built in the LCD module.
LCD driving voltage “VLCD” is adjusted automatically according to the change of ambient temperature
range by the temperature compensation circuit.
Temperature compensation circuit built in LCD module have been set obtain the optimum contrast under
following driving conditions.;
Take care that voltage for optimum contrast is changed under the different condition.
Frame frequency : 75 Hz, Duty ratio : 1/244 (an odd number frame), Ta = 25 ℃
※
The above is the condition of the module setting, not the electrical characteristics.
DC/DC Converter
VDD
Control signal
Voltage
VLCD
Vcon
booster
Fig.3 Voltage generator for optimum contrast
Temperature Compensation Circuit
Temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com