Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8M64 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 17Page - Sharp Corporation LM8M64 Datasheet HTML 18Page - Sharp Corporation LM8M64 Datasheet HTML 19Page - Sharp Corporation LM8M64 Datasheet HTML 20Page - Sharp Corporation LM8M64 Datasheet HTML 21Page - Sharp Corporation LM8M64 Datasheet HTML 22Page - Sharp Corporation LM8M64 Datasheet HTML 23Page - Sharp Corporation LM8M64 Datasheet HTML 24Page - Sharp Corporation LM8M64 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
17
17
17
17
7.Optical Characteristics
Following spec are based upon the electrical measuring conditions, on which the contrast of perpendicular
direction(θx = θy = 0 °) will be MAX..
Table 9
Ta = 25 ℃, VDD= 3.3V, Vcon-VSS = Vmax
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remark
θ
x
θ
y = 0 °
-30
-
30
Viewing angle range
θ
y
Co>5.0
θ
x = 0 °
-15
-
25
Note 1)
Contrast ratio
Co
θ
x =θy = 0 °
30
50
-
-
Note2)
Rise
τ
r
θ
x =θy = 0 °
-
270
400
ms
Response
time
Decay
τ
d
θ
x =θy = 0 °
80
100
ms
Note3)
x
θ
x =θy = 0 °
-
0.275
-
-
Module
chromaticit
y
White
y
θ
x =θy = 0 °
-
0.320
-
-
Note 1) The viewing angle range is defined as shown Fig.7.
Fig.7 Definition of Viewing Angle
Note 2) Contrast ratio is defined as follows:
Co
Luminance(brightness) all pixes "White" at Vmax
Luminance(brightness) all pixes "dark " at Vmax
=
Vmax is defined in Fig.9.
Note 3) The response characteristics of photo-detector output are measured as shown in Fig.10, assuming that input
signals are applied so as to select and deselect the dot to be measured, in the optical characteristics test
method shown in Fig.8.
+ θ x- θ x
- θ y
+ θ y
+ θ y
- θ y
+ θ x- θ x
- θ y
+ θ y
+ θ x
- θ x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com