Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB-SRS-R1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDB-SRS-R1
Description  LED InGaN - Reverse Gull-wing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-SRS-R1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDB-SRS-R1 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 5 of 5
Chromaticity coordinate groups are measured with an accuracy of
±0.01.
Bin
W
Bin
X
A1
Cx
0.2775
0.2900
0.2900
0.2775
E1
Cx
0.3275 0.3400
0.3400 0.3275
Cy
0.2732
0.2939
0.3114
0.2907
Cy
0.3561 0.3768
0.3943 0.3736
A2
Cx
0.2775
0.2900
0.2900
0.2775
E2
Cx
0.3275 0.3400
0.3400 0.3275
Cy
0.2557
0.2764
0.2939
0.2732
Cy
0.3386 0.3593
0.3768 0.3561
A3
Cx
0.2900
0.3025
0.3025
0.2900
E3
Cx
0.3400 0.3525
0.3525 0.3400
Cy
0.2939
0.3146
0.3321
0.3114
Cy
0.3768 0.3975
0.4150 0.3943
A4
Cx
0.2900
0.3025
0.3025
0.2900
E4
Cx
0.3400 0.3525
0.3525 0.3400
Cy
0.2764
0.2971
0.3146
0.2939
Cy
0.3593 0.3800
0.3975 0.3768
C1
Cx
0.3025
0.3150
0.3150
0.3025
Cy
0.3146
0.3354
0.3529
0.3321
C2
Cx
0.3025
0.3150
0.3150
0.3025
Cy
0.2971
0.3179
0.3354
0.3146
C3
Cx
0.3150
0.3275
0.3275
0.3150
Cy
0.3354
0.3561
0.3736
0.3529
C4
Cx
0.3150
0.3275
0.3275
0.3150
Cy
0.3179
0.3386
0.3561
0.3354
Vf Binning.
Vf Bin @ 20mA
Forward voltage (V)
Standard
3.35 … 4.25
01
3.35 … 3.65
02
3.65 … 3.95
03
3.95 … 4.25
Forward voltage, Vf is measured with an accuracy of
±0.1 V.
Absolute Maximum Ratings.
Maximum Value
Unit
DC forward current.
20
mA
Peak pulse current; (tp
≤ 10 μs, Duty cycle = 0.005)
200
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation ( at room temperature )
85
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com