Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB-SRS-R1 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DDB-SRS-R1
Description  LED InGaN - Reverse Gull-wing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-SRS-R1 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DDB-SRS-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 9Page - DOMINANT Semiconductors DDB-SRS-R1 Datasheet HTML 10Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 7 of 7
Relative luminous intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum forward current vs. temperature.
Relative Intensity vs. Wavelength
Dominant Wavelength vs. Forward Current
Relative Spectral Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
450
500
550
600
650
700
750
800
Wavelength (nm)
White
Blue
True Green
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
10
20304050
FORWARD CURRENT (mA)
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Dominant Wavelength vs. Forward Current
468
469
470
471
472
473
474
475
476
0
5
10
15
20
25
30
IF (mA)
520
522
524
526
528
530
532
534
536
538
540
True Green
Blue
Forward Current (mA) vs. Forward Voltage
0
5
10
15
20
25
30
35
40
1
1.5
2
2.5
3
3.5
4
4.5
5
Forward Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com