Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDS-CJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDS-CJS
Description  LED AlInGaP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDS-CJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDS-CJS Datasheet HTML 1Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 2Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 3Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 4Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 5Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 6Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 7Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 8Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
06/09/2006 V2.0
3
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDS; Super-red
DDO; Orange
DDY; Yellow
Full
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
AlInGaP : DDx-xJS-I2
DOMINANT TM
Semiconductors
Innovating Illumination
Typ. (V)
Vf @ If = 2mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DDS-CJS, DDO-CJS, DDY-CJS
1.8
2.2
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1)
Reverse voltage
ESD Thereshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
20
100
12
2
125
-40 … +100
-40 … +100
45
mA
mA
V
KV
˚C
˚C
˚C
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com