Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDS-CJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDS-CJS
Description  LED AlInGaP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDS-CJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDS-CJS Datasheet HTML 1Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 2Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 3Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 4Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 5Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 6Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 7Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 8Page - DOMINANT Semiconductors DDS-CJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
06/09/2006 V2.0
2
DDS-CJS-J2L1-1-I2
• DDS-CJS-J2
• DDS-CJS-K1
• DDS-CJS-K2
• DDS-CJS-L1
DDO-CJS-KL2-1-I2
• DDO-CJS-K1
• DDO-CJS-K2
• DDO-CJS-L1
• DDO-CJS-L2
DDY-CJS-KL2-1-I2
• DDY-CJS-K1
• DDY-CJS-K2
• DDY-CJS-L1
• DDY-CJS-L2
AlIGaP
Super-red, 632nm
AlIGaP
Orange, 605nm
AlIGaP
Yellow, 587nm
120
120
120
5.6 - 14.0
5.6 - 7.2
7.2 - 9.0
9.0 - 11.2
11.2 -14.0
7.2 - 18.0
7.2 - 9.0
9.0 - 11.2
11.2 - 14.0
14.0 - 18.0
7.2 - 18.0
7.2 - 9.0
9.0 - 11.2
11.2 - 14.0
14.0 - 18.0
AlInGaP : DDx-xJS-I2
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 2mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com