Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR-GJS-J2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDR-GJS-J2
Description  LED GaP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDR-GJS-J2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDR-GJS-J2 Datasheet HTML 1Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 2Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 3Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 4Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 5Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 6Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 7Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DOMINANT Semiconductors
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 5 of 5
Relative luminous intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum forward current vs. temperature.
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
0
5
10
15
20
25
30
35
0
10
203040
5060
7080
90
100
AmbientTemperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
Forward Current (mA)
0
5
10
15
20
25
30
35
1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
Forward Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com