Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR-GJS-J2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDR-GJS-J2
Description  LED GaP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDR-GJS-J2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDR-GJS-J2 Datasheet HTML 1Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 2Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 3Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 4Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 5Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 6Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 7Page - DOMINANT Semiconductors DDR-GJS-J2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DOMINANT Semiconductors
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 2 of 2
Part Ordering Number
Chip Technology /
Color
Luminous Intensity @ If = 10mA
Iv ( mcd )
DDR-GJS-J2L1-1-I1
DDR-GJS-J2
DDR-GJS-K1
DDR-GJS-K2
DDR-GJS-L1
GaP /
Red, 625 nm
5.6 … 14.0
5.6 … 7.2
7.2 … 9.0
9.0 … 11.2
11.2 … 14.0
DDO-GJS-H2K1-1-I1
DDO-GJS-H2
DDO-GJS-J1
DDO-GJS-J2
DDO-GJS-K1
GaP /
Orange, 605 nm
3.55 … 9.0
3.55 … 4.5
4.5
… 5.6
5.6
… 7.2
7.2
… 9.0
DDY-GJS- H2K1-1-I1
DDY-GJS-H2
DDY-GJS-J1
DDY-GJS-J2
DDY-GJS-K1
GaP /
Yellow, 587 nm
3.55 … 9.0
3.55 … 4.5
4.5
… 5.6
5.6
… 7.2
7.2
… 9.0
DDG-GJS- KL2-1-I1
DDG-GJS-K1
DDG-GJS-K2
DDG-GJS-L1
DDG-GJS-L2
GaP /
Green, 570 nm
7.2 … 18.0
7.2 … 9.0
9.0 … 11.2
11.2 … 14.0
14.0 … 18.0
DDP-GJS-GH2-1-I1
DDP-GJS-G1
DDP-GJS-G2
DDP-GJS-H1
DDP-GJS-H2
GaP /
Green, 560 nm
1.80 … 4.50
1.80 … 2.24
2.24 … 2.80
2.80 … 3.55
3.55 … 4.50
NOTE:
1.
All part number above comes in a quantity of 2000 units per reel.
2.
Luminous intensity is measured with an accuracy of
±11%.
3.
Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com