Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 239Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 240Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 241Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 242Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 243Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 246Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 241
PIC18F2XK20/4XK20
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
—
—
—
300
0.16
207
1200
—
—
—
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19231
0.16
25
19.23k
0.16
12
19.2k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
300
300.0
0.00
13332
300.0
0.00
3839
300.03
0.01
3332
300.0
0.00
2303
1200
1200.1
0.01
3332
1200
0.00
959
1200.5
0.04
832
1200
0.00
575
2400
2399
-0.02
1666
2400
0.00
479
2398
-0.08
416
2400
0.00
287
9600
9592
-0.08
416
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
383
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
207
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
57.97k
0.64
68
57.60k
0.00
19
58.82k
2.12
16
57.60k
0.00
11
115.2k
114.29k
-0.79
34
115.2k
0.00
9
111.11k
-3.55
8
115.2k
0.00
5
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
300
299.9
-0.02
1666
300.1
0.04
832
300.0
0.00
767
300.5
0.16
207
1200
1199
-0.08
416
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19.23k
0.16
25
19.23k
0.16
12
19.20k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
TABLE 18-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com