Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 240Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 241Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 242Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 243Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 246Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 247Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 242
Advance Information
© 2007 Microchip Technology Inc.
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 64.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
300
300
0.00
53332
300.0
0.00
15359
300.0
0.00
13332
300.0
0.00
9215
1200
1200
0.00
13332
1200
0.00
3839
1200.1
0.01
3332
1200
0.00
2303
2400
2400
0.00
6666
2400
0.00
1919
2399.5
-0.02
1666
2400
0.00
1151
9600
9598.1
-0.02
1666
9600
0.00
479
9592
-0.08
416
9600
0.00
287
10417
10417
0.00
1535
10425
0.08
441
10417
0.00
383
10433
0.16
264
19.2k
19.21k
0.04
832
19.20k
0.00
239
19.23k
0.16
207
19.20k
0.00
143
57.6k
57.55k
-0.08
277
57.60k
0.00
79
57.97k
0.64
68
57.60k
0.00
47
115.2k
115.11k
-0.08
138
115.2k
0.00
39
114.29k
-0.79
34
115.2k
0.00
23
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
Actual
Rate
%
Error
SPBRGH
:SPBRG
(decimal)
300
300.0
0.00
6666
300.0
0.01
3332
300.0
0.00
3071
300.1
0.04
832
1200
1200
-0.02
1666
1200
0.04
832
1200
0.00
767
1202
0.16
207
2400
2401
0.04
832
2398
0.08
416
2400
0.00
383
2404
0.16
103
9600
9615
0.16
207
9615
0.16
103
9600
0.00
95
9615
0.16
25
10417
10417
0.00
191
10417
0.00
95
10473
0.53
87
10417
0.00
23
19.2k
19.23k
0.16
103
19.23k
0.16
51
19.20k
0.00
47
19.23k
0.16
12
57.6k
57.14k
-0.79
34
58.82k
2.12
16
57.60k
0.00
15
—
—
—
115.2k
117.6k
2.12
16
111.1k
-3.55
8
115.2k
0.00
7
—
—
—
TABLE 18-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com