Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 257 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 257 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 255
PIC18F2XK20/4XK20
19.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result registers (ADRESL and ADRESH).
The ADC voltage reference is software selectable to
either VDD or a voltage applied to the external reference
pins.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
Figure 19-1 shows the block diagram of the ADC.
FIGURE 19-1:
ADC BLOCK DIAGRAM
AN0
ADC
AN1
AN2
AN4
AVDD
VREF+
ADON
GO/DONE
VCFG0 = 1
VCFG0 = 0
CHS<3:0>
ADRESH
ADRESL
10
10
ADFM
VSS
AN5
AN6
AN7
AN3
AN8
AN9
AN10
AN11
AN12
AVSS
VREF-
VCFG1 = 1
VCFG1 = 0
FVR
0000
0001
0010
0011
0100
0101
0111
0110
1000
1001
1010
1011
1100
1101
1110
1111
Unused
Unused
0
= Left Justify
1
= Right Justify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com