Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 258 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 258 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 256
Advance Information
© 2007 Microchip Technology Inc.
19.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Results formatting
19.1.1
PORT CONFIGURATION
The ANSEL, ANSELH, TRISA, TRISB and TRISE reg-
isters all configure the A/D port pins. Any port pin
needed as an analog input should have its correspond-
ing ANSx bit set to disable the digital input buffer and
TRISx bit set to disable the digital output driver. If the
TRISx bit is cleared, the digital output level (VOH or
VOL) will be converted.
The A/D operation is independent of the state of the
ANSx bits and the TRIS bits.
19.1.2
CHANNEL SELECTION
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 19.2
“ADC Operation” for more information.
19.1.3
ADC VOLTAGE REFERENCE
The VCFG bits of the ADCON1 register provide
independent control of the positive and negative
voltage references. The positive voltage reference can
be either VDD or an external voltage source. Likewise,
the negative voltage reference can be either VSS or an
external voltage source.
19.1.4
SELECTING AND CONFIGURING
ACQUISITION TIME
The ADCON2 register allows the user to select an
acquisition time that occurs each time the GO/DONE
bit is set.
Acquisition time is set with the ACQT<2:0> bits of the
ADCON2 register. Acquisition delays cover a range of
2 to 20 TAD. When the GO/DONE bit is set, the A/D
module continues to sample the input for the selected
acquisition time, then automatically begins a conver-
sion. Since the acquisition time is programmed, there is
no need to wait for an acquisition time between select-
ing a channel and setting the GO/DONE bit.
Manual
acquisition
is
selected
when
ACQT<2:0> = 000. When the GO/DONE bit is set,
sampling is stopped and a conversion begins. The user
is responsible for ensuring the required acquisition time
has passed between selecting the desired input
channel and setting the GO/DONE bit. This option is
also the default Reset state of the ACQT<2:0> bits and
is
compatible
with
devices
that
do
not
offer
programmable acquisition times.
In either case, when the conversion is completed, the
GO/DONE bit is cleared, the ADIF flag is set and the
A/D begins sampling the currently selected channel
again. When an acquisition time is programmed, there
is no indication of when the acquisition time ends and
the conversion begins.
19.1.5
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON2 register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods
as shown in Figure 19-3.
For correct conversion, the appropriate TAD specification
must be met. See A/D conversion requirements in
Table 26-25 for more information. Table 19-1 gives
examples of appropriate ADC clock selections.
Note 1: When reading the PORT register, all pins
with their corresponding ANSx bit set
read as cleared (a low level). However,
analog conversion of pins configured as
digital inputs (ANSx bit cleared and
TRISx
bit
set)
will
be
accurately
converted.
2: Analog levels on any pin with the corre-
sponding ANSx bit cleared may cause the
digital input buffer to consume current out
of the device’s specification limits.
3: The
PBADEN
bit
in
Configuration
Register 3H configures PORTB pins to
reset as analog or digital pins by
controlling how the bits in ANSELH are
reset.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com