Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 369 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 369 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 365Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 366Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 367Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 368Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 369Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 370Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 371Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 367
PIC18F2XK20/4XK20
26.8
DC Characteristics: Peripheral Supply Current, PIC18F2XK20/4XK20
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Device Characteristics
Typ
Max
Units
Conditions
Module Differential Currents (
ΔIWDT, ΔIBOR, ΔIHLVD, ΔIOSCB, ΔIAD)
D022
(
ΔIWDT)
Watchdog Timer
1.5
—
μA-40°C
VDD = 1.8V
1.5
—
μA+25°C
2.0
—
μA+85°C
2.0
—
μA-40°C
VDD = 3.0V
3.0
—
μA+25°C
3.0
—
μA+85°C
D022A
(
ΔIBOR)
Brown-out Reset(2)
40
—
μA-40°C to +85°CVDD = 2.7V
45
—
μA-40°C to +85°CVDD = 3.3V
0
—
μA-40°C to +85°CVDD = 3.3V
Sleep mode,
BOREN<1:0> = 10
D022B
(
ΔIHLVD)
High/Low-Voltage Detect(2)
TBD
—
μA-40°C to +85°CVDD = 1.8V
TBD
—
μA-40°C to +85°CVDD = 3.3V
D025
(
ΔIOSCB)
Timer1 Oscillator
1—
μA-40°C
VDD = 1.8V
32 kHz on Timer1(1)
1—
μA+25°C
1—
μA+85°C
1—
μA-40°C
VDD = 3.0V
32 kHz on Timer1(1)
1—
μA+25°C
1—
μA+85°C
D025A
(
ΔIOSCB)
Timer1 Oscillator
5—
μA-40°C
VDD = 1.8V
32 kHz on Timer1(3)
5—
μA+25°C
5—
μA+85°C
5—
μA-40°C
VDD = 3.0V
32 kHz on Timer1(3)
5—
μA+25°C
5—
μA+85°C
D026
(
ΔIAD)
A/D Converter
TBD
—
μA-40°C to +85°CVDD = 1.8V
A/D on, not converting
TBD
—
μA-40°C to +85°CVDD = 3.0V
D027
Comparators
TBD
—
μA-40°C to +85°CVDD = 1.8V
(
ΔICOMP)
VDD = 3.0V
D028
CVREF
TBD
—
μA-40°C to +85°CVDD = 1.8V
(
ΔICVREF)
VDD = 3.0V
Legend:
TBD = To Be Determined.
Note 1:
Low-Power mode on T1 osc.
2:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be
less than the sum of both specifications.
3:
High-Power mode in T1 osc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com