Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 371 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 371 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 367Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 368Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 369Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 370Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 371Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 369
PIC18F2XK20/4XK20
VOL
Output Low Voltage
D080
I/O ports
—
0.6
V
IOL = 8.5 mA, VDD = 3.0V,
-40
°C to +85°C
D083
OSC2/CLKOUT
(RC, RCIO, EC, ECIO modes)
—0.6
V
IOL = 1.6 mA, VDD = 3.0V,
-40
°C to +85°C
VOH
Output High Voltage(3)
D090
I/O ports
VDD – 0.7
—
V
IOH = -3.0 mA, VDD = 3.0V,
-40
°C to +85°C
D092
OSC2/CLKOUT
(RC, RCIO, EC, ECIO modes)
VDD – 0.7
—
V
IOH = -1.3 mA, VDD = 3.0V,
-40
°C to +85°C
Capacitive Loading Specs
on Output Pins
D100(4) COSC2
OSC2 pin
—
15
pF
In XT, HS and LP modes
when external clock is
used to drive OSC1
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCL, SDA
—
400
pF
I2C™ Specification
26.9
DC Characteristics: Input/Output Characteristics, PIC18F2XK20/4XK20 (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +125°C
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com