Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 374 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 374 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 370Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 371Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 378Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 372
Advance Information
© 2007 Microchip Technology Inc.
FIGURE 26-2:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 26-4:
HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
VHLVD
HLVDIF
VDD
(HLVDIF set by hardware)
(HLVDIF can be
cleared by software)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +125°C
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
D420
HLVD Voltage on VDD
Transition High-to-Low
LVV = 0000
1.8
V
LVV = 0001
1.9
V
LVV = 0010
2.0
V
LVV = 0011
2.1
V
LVV = 0100
2.2
V
LVV = 0101
2.3
V
LVV = 0110
2.4
V
LVV = 0111
2.5
V
LVV = 1000
2.6
V
LVV = 1001
2.7
V
LVV = 1010
2.8
V
LVV = 1011
2.9
V
LVV = 1100
3.0
V
LVV = 1101
3.3
V
LVV = 1110
3.5
V
† Production tested at TAMB = 25°C. Specifications over temperature limits ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com