Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 378 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 378 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 380Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 381Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 376
Advance Information
© 2007 Microchip Technology Inc.
TABLE 26-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2V TO 5.5V)
TABLE 26-8:
AC CHARACTERISTICS: INTERNAL OSCILLATORS ACCURACY
PIC18F2XK20/4XK20
FIGURE 26-5:
CLKOUT AND I/O TIMING
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC
Oscillator Frequency Range
4
—
64
MHz
HS mode only
F11
FSYS
On-Chip VCO System Frequency
32
—
64
MHz
HS mode only
F12
trc
PLL Start-up Time (Lock Time)
—
—
2
ms
F13
ΔCLK CLKOUT Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
PIC18F2XK20/4XK20
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Min
Typ
Max
Units
Conditions
HFINTOSC Accuracy @ Freq = 16 MHz, 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz(1)
1—
1
%
+25°C
VDD = 1.8-3.6V
-2
—
+2
%
0°C to +85°C
VDD = 1.8-3.6V
-5
—
+5
%
-40°C to +125°C
VDD = 1.8-3.6V
LFINTOSC Accuracy @ Freq = 31 kHz(2)
26.562
—
35.938
kHz
-40°C to +125°C
VDD = 1.8-3.6V
Legend: Shading of rows is to assist in readability of the table.
Note 1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.
2:
INTOSC frequency after calibration.
3:
Change of INTOSC frequency as VDD changes.
Note:
Refer to Figure 26-3 for load conditions.
OSC1
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com