Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 379 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 379 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 380Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 381Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 382Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 377
PIC18F2XK20/4XK20
TABLE 26-9:
CLKOUT AND I/O TIMING REQUIREMENTS
FIGURE 26-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND
POWER-UP TIMER TIMING
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKOUT ↓
—
75
200
ns
(Note 1)
11
TosH2ckH OSC1
↑ to CLKOUT ↑
—
75
200
ns
(Note 1)
12
TckR
CLKOUT Rise Time
—
35
100
ns
(Note 1)
13
TckF
CLKOUT Fall Time
—
35
100
ns
(Note 1)
14
TckL2ioV
CLKOUT
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH Port In Valid before CLKOUT
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI
Port In Hold after CLKOUT
↑
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port Input Invalid
(I/O in hold time)
100
—
—
ns
19
TioV2osH Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20
TioR
Port Output Rise Time
—
10
25
ns
21
TioF
Port Output Fall Time
—
10
25
ns
22†
TINP
INT pin High or Low Time
TCY
——
ns
23†
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
24†
TRCP
RC7:RC4 Change INT High or Low Time
20
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1:
Measurements are taken in RC mode, where CLKOUT output is 4 x TOSC.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O pins
34
Note:
Refer to Figure 26-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com