Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 377 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 377 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 380Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 381Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 375
PIC18F2XK20/4XK20
26.11.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 26-4:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 26-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKIN
Frequency(1)
DC
64
MHz
EC, ECIO Oscillator mode
Oscillator Frequency(1)
DC
4
MHz
RC Oscillator mode
0.1
4
MHz
XT Oscillator mode
4
25
MHz
HS Oscillator mode
4
16
MHz
HS + PLL Oscillator mode
5
33
kHz
LP Oscillator mode
1TOSC
External CLKIN Period(1)
15.6
—
ns
EC, ECIO Oscillator mode
Oscillator Period(1)
250
—
ns
RC Oscillator mode
250
10,000
ns
XT Oscillator mode
40
62.5
250
250
ns
ns
HS Oscillator mode
HS + PLL Oscillator mode
30
—
μs
LP Oscillator mode
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC
3TOSL,
TOSH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT Oscillator mode
2.5
—
μs
LP Oscillator mode
10
—
ns
HS Oscillator mode
4TOSR,
TOSF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT Oscillator mode
—
50
ns
LP Oscillator mode
—
7.5
ns
HS Oscillator mode
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result
in an unstable oscillator operation and/or higher than expected current consumption. All devices are tested
to operate at “min.” values with an external clock applied to the OSC1/CLKIN pin. When an external clock
input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com