Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 376 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 376 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 372Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 373Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 374
Advance Information
© 2007 Microchip Technology Inc.
26.11.2
TIMING CONDITIONS
The temperature and voltages specified in Table 26-4
apply to all timing specifications unless otherwise
noted. Figure 26-3 specifies the load conditions for the
timing specifications.
TABLE 26-5:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 26-3:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Operating voltage VDD range as described in DC spec Section 26.1 and
Section 26.9.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
Ω
CL = 50 pF
for all pins except OSC2/CLKOUT
and including D and E outputs as ports
Load Condition 1
Load Condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com