Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 387 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 387 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 383Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 384Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 385Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 386Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 387Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 388Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 389Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 390Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 385
PIC18F2XK20/4XK20
FIGURE 26-15:
I2C™ BUS START/STOP BITS TIMING
TABLE 26-18: I2C™ BUS START/STOP BITS REQUIREMENTS (SLAVE MODE)
FIGURE 26-16:
I2C™ BUS DATA TIMING
Note:
Refer to Figure 26-3 for load conditions.
91
92
93
SCL
SDA
Start
Condition
Stop
Condition
90
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
90
TSU:STA
Start Condition
100 kHz mode
4700
—
ns
Only relevant for Repeated
Start condition
Setup Time
400 kHz mode
600
—
91
THD:STA
Start Condition
100 kHz mode
4000
—
ns
After this period, the first
clock pulse is generated
Hold Time
400 kHz mode
600
—
92
TSU:STO
Stop Condition
100 kHz mode
4700
—
ns
Setup Time
400 kHz mode
600
—
93
THD:STO
Stop Condition
100 kHz mode
4000
—
ns
Hold Time
400 kHz mode
600
—
Note:
Refer to Figure 26-3 for load conditions.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com