Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 388 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 388 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 384Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 385Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 386Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 387Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 388Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 389Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 390Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 391Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 392Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 386
Advance Information
© 2007 Microchip Technology Inc.
TABLE 26-19: I2C™ BUS DATA REQUIREMENTS (SLAVE MODE)
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock High Time
100 kHz mode
4.0
—
μs
PIC18FXXXX must operate
at a minimum of 1.5 MHz
400 kHz mode
0.6
—
μs
PIC18FXXXX must operate
at a minimum of 10 MHz
SSP Module
1.5 TCY
—
101
TLOW
Clock Low Time
100 kHz mode
4.7
—
μs
PIC18FXXXX must operate
at a minimum of 1.5 MHz
400 kHz mode
1.3
—
μs
PIC18FXXXX must operate
at a minimum of 10 MHz
SSP Module
1.5 TCY
—
102
TR
SDA and SCL Rise
Time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 to 400 pF
103
TF
SDA and SCL Fall
Time
100 kHz mode
—
300
ns
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 to 400 pF
90
TSU:STA Start Condition
Setup Time
100 kHz mode
4.7
—
μs
Only relevant for Repeated
Start condition
400 kHz mode
0.6
—
μs
91
THD:STA Start Condition
Hold Time
100 kHz mode
4.0
—
μs
After this period, the first
clock pulse is generated
400 kHz mode
0.6
—
μs
106
THD:DAT Data Input Hold
Time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
μs
107
TSU:DAT Data Input Setup
Time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
92
TSU:STO Stop Condition
Setup Time
100 kHz mode
4.7
—
μs
400 kHz mode
0.6
—
μs
109
TAA
Output Valid from
Clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
—
—
ns
110
TBUF
Bus Free Time
100 kHz mode
4.7
—
μs
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
μs
D102
CB
Bus Capacitive Loading
—
400
pF
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
2:
A fast mode I2C bus device can be used in a standard mode I2C bus system but the requirement,
TSU:DAT
≥ 250 ns, must then be met. This will automatically be the case if the device does not stretch the
LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must
output the next data bit to the SDA line, TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according to the
standard mode I2C bus specification), before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com