Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 402 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 402 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 398Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 399Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 400Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 401Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 402Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 403Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 404Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 405Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 406Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 400
Advance Information
© 2007 Microchip Technology Inc.
28-Lead Plastic Quad Flat, No Lead Package (ML) – 6x6 mm Body [QFN]
with 0.55 mm Contact Length
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package is saw singulated.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
28
Pitch
e
0.65 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Width
E
6.00 BSC
Exposed Pad Width
E2
3.65
3.70
4.20
Overall Length
D
6.00 BSC
Exposed Pad Length
D2
3.65
3.70
4.20
Contact Width
b
0.23
0.30
0.35
Contact Length
L
0.50
0.55
0.70
Contact-to-Exposed Pad
K
0.20
–
–
D
EXPOSED
D2
e
b
K
E2
E
L
N
NOTE 1
1
2
2
1
N
A
A1
A3
TOP VIEW
BOTTOM VIEW
PAD
Microchip Technology Drawing C04-105B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com