Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 405 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 405 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 401Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 402Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 403Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 404Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 405Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 406Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 407Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 408Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 403
PIC18F2XK20/4XK20
APPENDIX A:
REVISION HISTORY
Revision A (JULY 2006)
Original data sheet for PIC18F2XK20/4XK20 devices.
Revision B (03/2007)
Added
part
numbers
PIC18F26K20
and
PIC18F46K20;
Replaced
Development
Support
Section; Replaced Package Drawings.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F23K20 PIC18F24K20 PIC18F25K20 PIC18F26K20 PIC18F43K20 PIC18F44K20 PIC18F45K20 PIC18F46K20
Program Memory
(Bytes)
8192
16384
32768
65536
8192
16384
32768
65536
Program Memory
(Instructions)
4096
8192
16384
32768
4096
8192
16384
32768
Interrupt Sources
1919191920202020
I/O Ports
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Capture/Compare/PWM
Modules
11111111
Enhanced
Capture/Compare/PWM
Modules
11111111
Parallel
Communications (PSP)
No
No
No
No
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital
Module
11 input
channels
11 input
channels
11 input
channels
11 input
channels
14 input
channels
14 input
channels
14 input
channels
14 input
channels
Packages
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com