Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F615-E/PSQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC12F615-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PSQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC12F615-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 20Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 21Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 22Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 23Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 24Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 25Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 26Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 21
PIC12F609/615/12HV609/615
2.2.2.7
APFCON Register
(PIC12F615/HV615 only)
The Alternate Pin Function Control (APFCON) register
is used to steer specific peripheral input and output
functions between different pins. For this device, the
P1A, P1B and Timer1 Gate functions can be moved
between different pins.
The APFCON register bits are shown in Register 2-7.
REGISTER 2-7:
APFCON: POWER CONTROL REGISTER(1)
U-0
U-0
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
—
—
—
T1GSEL
—
—
P1BSEL
P1ASEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4
T1GSEL: TMR1 Input Pin Select bit
1
= T1G function is on GP3/T1G(2)/MCLR/VPP
0
= T1G function is on GP4/AN3/CIN1-/T1G/P1B(2)/OSC2/CLKOUT
bit 3-2
Unimplemented: Read as ‘0’
bit 1
P1BSEL: P1B Output Pin Select bit
1
= P1B function is on GP4/AN3/CIN1-/T1G/P1B(2)/OSC2/CLKOUT
0
= P1B function is on GP0/AN0/CIN+/P1B/ICSPDAT
bit 0
P1ASEL: P1A Output Pin Select bit
1
= P1A function is on GP5/T1CKI/P1A(2)/OSC1/CLKIN
0
= P1A function is on GP2/AN2/T0CKI/INT/COUT/CCP1/P1A
Note 1: PIC12F615/HV615 only.
2: Alternate pin function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com