Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F615-E/PSQTP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC12F615-E/PSQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/PSQTP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC12F615-E/PSQTP Datasheet HTML 12Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 13Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 14Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 15Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 16Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 17Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC12F615-E/PSQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 14
Preliminary
© 2006 Microchip Technology Inc.
TABLE 2-4:
PIC12F615/HV615 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
22, 101
81h
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
16, 101
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
22, 101
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
15, 101
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
22, 101
85h
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3(4)
TRISIO2
TRISIO1
TRISIO0
--11 1111
31, 101
86h
—
Unimplemented
—
—
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
22, 101
8Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF(3)
0000 0000
17, 101
8Ch
PIE1
—
ADIE
CCP1IE
—CMIE
—
TMR2IE
TMR1IE
-00- 0-00
18, 101
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
20, 101
8Fh
—
Unimplemented
—
—
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
29, 101
91h
—
Unimplemented
—
—
92h
PR2
Timer2 Module Period Register
1111 1111
51, 101
93h
APFCON
—
—
—
T1GSEL
—
—
P1BSEL
P1ASEL
---0 --00
18, 101
94h
—
Unimplemented
—
—
95h
WPU(2)
—
—WPU5
WPU4
—
WPU2
WPU1
WPU0
--11 -111
34, 101
96h
IOC
—
—
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
--00 0000
34, 101
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
71, 101
9Fh
ANSEL
—
ADCS2
ADCS1
ADCS0
ANS3
ANS2
ANS1
ANS0
-000 1111
33, 101
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
GP3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.
3:
MCLR and WDT Reset does not affect the previous value data latch. The GPIF bit will clear upon Reset but will set again if the mismatch
exists.
4:
TRISIO3 always reads as ‘1’ since it is an input only pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com