Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT30I/P Datasheet(PDF) 23 Page - Microchip Technology

Part # DSPIC30F2012AT30I/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/P Datasheet HTML 19Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 20Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 21Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 22Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 23Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 24Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 25Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 26Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 21
dsPIC30F2011/2012/3012/3013
2.4
DSP Engine
The DSP engine consists of a high-speed 17-bit x
17-bit multiplier, a barrel shifter and a 40-bit adder/
subtracter (with two target accumulators, round and
saturation logic).
The DSP engine also has the capability to perform
inherent
accumulator-to-accumulator
operations,
which require no additional data. These instructions are
ADD, SUB
and NEG.
The dsPIC30F is a single-cycle instruction flow archi-
tecture, therefore, concurrent operation of the DSP
engine with MCU instruction flow is not possible.
However, some MCU ALU and DSP engine resources
may be used concurrently by the same instruction (e.g.,
ED, EDAC
). See Table 2-2.
The DSP engine has various options selected through
various bits in the CPU Core Configuration register
(CORCON), as listed below:
1.
Fractional or integer DSP multiply (IF).
2.
Signed or unsigned DSP multiply (US).
3.
Conventional or convergent rounding (RND).
4.
Automatic saturation on/off for ACCA (SATA).
5.
Automatic saturation on/off for ACCB (SATB).
6.
Automatic saturation on/off for writes to data
memory (SATDW).
7.
Accumulator
Saturation
mode
selection
(ACCSAT).
A block diagram of the DSP engine is shown in
Figure 2-2.
Note:
For CORCON layout, see Table 3-3.
TABLE 2-2:
DSP INSTRUCTION SUMMARY
Instruction
Algebraic Operation
ACC WB?
CLR
A = 0
Yes
ED
A = (x – y)2
No
EDAC
A = A + (x – y)2
No
MAC
A = A + (x * y)
Yes
MAC
A = A + x2
No
MOVSAC
No change in A
Yes
MPY
A = x * y
No
MPY.N
A = – x * y
No
MSC
A = A – x * y
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com