Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT30I/P Datasheet(PDF) 17 Page - Microchip Technology

Part # DSPIC30F2012AT30I/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/P Datasheet HTML 13Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 14Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 15Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 16Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 17Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 18Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 19Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 20Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 15
dsPIC30F2011/2012/3012/3013
SCL
SDA
I/O
I/O
ST
ST
Synchronous serial clock input/output for I2C™.
Synchronous serial data input/output for I2C.
SOSCO
SOSCI
O
I
—
ST/CMOS
32 kHz low-power oscillator crystal output.
32 kHz low-power oscillator crystal input. ST buffer when
configured in RC mode; CMOS otherwise.
T1CK
T2CK
I
I
ST
ST
Timer1 external clock input.
Timer2 external clock input.
U1RX
U1TX
U1ARX
U1ATX
U2RX
U2TX
I
O
I
O
I
O
ST
—
ST
—
ST
—
UART1 Receive.
UART1 Transmit.
UART1 Alternate Receive.
UART1 Alternate Transmit.
UART2 Receive.
UART2 Transmit.
VDD
P
—
Positive supply for logic and I/O pins.
VSS
P
—
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog Voltage Reference (High) input.
VREF-
I
Analog
Analog Voltage Reference (Low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS =
CMOS compatible input or output
Analog =
Analog input
ST
=
Schmitt Trigger input with CMOS levels
O
=
Output
I
=
Input
P
=
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com