Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT30I/P Datasheet(PDF) 146 Page - Microchip Technology

Part # DSPIC30F2012AT30I/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/P Datasheet(HTML) 146 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/P Datasheet HTML 142Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 143Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 144Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 145Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 146Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 147Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 148Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 149Page - Microchip Technology DSPIC30F2012AT30I/P Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 144
© 2006 Microchip Technology Inc.
19.11 PICSTART Plus Development
Programmer
The PICSTART Plus Development Programmer is an
easy-to-use,
low-cost,
prototype
programmer.
It
connects to the PC via a COM (RS-232) port. MPLAB
Integrated Development Environment software makes
using the programmer simple and efficient. The
PICSTART Plus Development Programmer supports
most PIC devices in DIP packages up to 40 pins.
Larger pin count devices, such as the PIC16C92X and
PIC17C76X, may be supported with an adapter socket.
The PICSTART Plus Development Programmer is CE
compliant.
19.12 PICkit 2 Development Programmer
The PICkit™ 2 Development Programmer is a low-cost
programmer with an easy-to-use interface for pro-
gramming many of Microchip’s baseline, mid-range
and PIC18F families of Flash memory microcontrollers.
The PICkit 2 Starter Kit includes a prototyping develop-
ment board, twelve sequential lessons, software and
HI-TECH’s PICC™ Lite C compiler, and is designed to
help get up to speed quickly using PIC® micro-
controllers. The kit provides everything needed to
program, evaluate and develop applications using
Microchip’s powerful, mid-range Flash memory family
of microcontrollers.
19.13 Demonstration, Development and
Evaluation Boards
A wide variety of demonstration, development and
evaluation boards for various PIC MCUs and dsPIC
DSCs allows quick application development on fully func-
tional systems. Most boards include prototyping areas for
adding custom circuitry and provide application firmware
and source code for examination and modification.
The boards support a variety of features, including LEDs,
temperature sensors, switches, speakers, RS-232
interfaces, LCD displays, potentiometers and additional
EEPROM memory.
The demonstration and development boards can be
used in teaching environments, for prototyping custom
circuits and for learning about various microcontroller
applications.
In addition to the PICDEM™ and dsPICDEM™ demon-
stration/development board series of circuits, Microchip
has a line of evaluation kits and demonstration software
for analog filter design, KEELOQ® security ICs, CAN,
IrDA®, PowerSmart® battery management, SEEVAL®
evaluation
system,
Sigma-Delta
ADC,
flow
rate
sensing, plus many more.
Check the Microchip web page (www.microchip.com)
and the latest “Product Selector Guide” (DS00148) for
the complete list of demonstration, development and
evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com