Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BQ Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 21 of 25
FT232BQ USB UART ( USB - Serial) I.C.
7.5 LED Interface
FT232BM
TXLED#
RXLED#
11
12
VCCIO
220R
220R
TX
RX
FT232BM
TXLED#
RXLED#
11
12
VCCIO
220R
LED
Figure 12
Dual LED Configuration
Figure 13
Single LED Configuration
The FT232BQ has two IO pins dedicated to controlling LED status indicators, one for transmitted data the other
for received data. When data is being transmitted / received the respective pins drive from tri-state to low in order
to provide indication on the LEDs of data transfer. A digital one-shot timer is used so that even a small percentage
of data transfer is visible to the end user. Figure 12 shows a configuration using two individual LED’s – one for
transmitted data the other for received data. In Figure 13, the transmit and receive LED indicators are wire-OR’ed
together to give a single LED indicator which indicates any transmit or receive data activity.
Another possibility (not shown here) is to use a 3 pin common anode tri-color LED based on the circuit in Figure 13 to
have a single LED that can display activity in a variety of colors depending on the ratio of transmit activity compared to
receive activity.
Note that the LED’s are connected to VCCIO.
FT232BQ
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com