Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BQ Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT232BQ
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BQ Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT232BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232BQ Datasheet HTML 26Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 22 of 25
FT232BQ USB UART ( USB - Serial) I.C.
7.6 Interfacing to 3.3v Logic
Figure 14
Bus Powered Circuit with 3.3V logic drive / supply voltage
Ferrite Bead
470R
0.1uF
VCC
27R
USB "B"
Connector
27R
USB DM
8
FT232BM
USB DP
7
V
C
C
V
C
C
V
C
C
I
O
3
26
13
1
2
3
4
33nF
3v3OUT
6
A
V
C
C
30
10nF
0.1uF
In
Out
Gnd
3.3v LDO Regulator
3.3v Power to External
Logic
Figure 14 shows how to configure the FT232BQ to interface with a 3.3V logic device. In this example, a discrete
3.3V regulator is used to supply the 3.3V logic from the USB supply. VCCIO is connected to the output of the 3.3V
regulator, which in turn will cause the UART interface IO pins to drive out at 3.3V level. For USB bus powered circuits
some considerations have to be taken into account when selecting the regulator –
a) The regulator must be capable of sustaining its output voltage with an input voltage of 4.35 volts. A Low Drop Out
(LDO) regulator must be selected.
b) The quiescent current of the regulator must be low in order to meet the USB suspend total current requirement of
<= 500uA during USB suspend.
An example of a regulator family that meets these requirements is the MicroChip (Telcom) TC55 Series. These
devices can supply up to 250mA current and have a quiescent current of under 1uA.
In some cases, where only a small amount of current is required (< 5mA) , it may be possible to use the in-built
regulator of the FT232BQ to supply the 3.3v without any other components being required. In this case, connect
VCCIO to the 3v3OUT pin of the FT232BQ.
Note : It should be emphasised that the 3.3V supply for VCCIO in a bus powered design with a 3.3V logic interface
should come from an LDO which is supplied by the USB bus, or from the 3V3OUT pin of the FT232BQ, and not from
any other source.
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com