Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-CJS-S2 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DDA-CJS-S2
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-CJS-S2 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DDA-CJS-S2 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 9Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 10Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 11Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength, nm
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Allowable Forward Current Vs Duty Ratio (Ta= 25 Deg C)
Duty Ratio, %
1
10
100
10
100
1000
10000
07/06/2007 V10.0
8
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
AS AlInGaP
Pure
Green
Green
Yellow
Orange
Amber
Red
Super Red
Hyper Red
TS AlInGaP
DDx-SJS/DDx-TJS
DDx-CJS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com