Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-CJS-S2 Datasheet(PDF) 15 Page - DOMINANT Semiconductors

Part # DDA-CJS-S2
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-CJS-S2 Datasheet(HTML) 15 Page - DOMINANT Semiconductors

Back Button DDA-CJS-S2 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 9Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 10Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 11Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 12Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 13Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 14Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 15Page - DOMINANT Semiconductors DDA-CJS-S2 Datasheet HTML 16Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Revision History
NOTE
All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT
Semiconductors does not assume any liability arising out of the application or use of any product described herein.
DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order
to improve reliability, function or design.
DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems
without the express written approval from the Managing Director of DOMINANT Semiconductors.
Page
7
7
8
Subjects
New Format
Graph: Maximum Current Vs Temperature.
When Ambient Temperature=100o; Forward
Current=15mA
Add Characteristics table
Add Allowable Forward Current Vs Duty
Ratio Graph
Date of Modification
06 Sept 2005
06 Mar 2006
07 June 2007
07 June 2007
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination
07/06/2007 V10.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com