Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F610-E/PSQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F610-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/PSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F610-E/PSQTP Datasheet HTML 17Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 20Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 21Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 22Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 23Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 24Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 19
PIC16F610/616/16HV610/616
2.2.2.4
PIE1 Register
The PIE1 register contains the peripheral interrupt
enable bits, as shown in Register 2-4.
Note:
Bit PEIE of the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 2-4:
PIE1: PERIPHERAL INTERRUPT ENABLE REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
—ADIE(1)
CCP1IE(1)
C2IE
C1IE
—TMR2IE(1)
TMR1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIE: A/D Converter (ADC) Interrupt Enable bit(1)
1
= Enables the ADC interrupt
0
= Disables the ADC interrupt
bit 5
CCP1IE: CCP1 Interrupt Enable bit(1)
1
= Enables the CCP1 interrupt
0
= Disables the CCP1 interrupt
bit 4
C2IE: Comparator C2 Interrupt Enable bit
1
= Enables the Comparator C2 interrupt
0
= Disables the Comparator C2 interrupt
bit 3
C1IE: Comparator C1 Interrupt Enable bit
1
= Enables the Comparator C1 interrupt
0
= Disables the Comparator C1 interrupt
bit 2
Unimplemented: Read as ‘0’
bit 1
TMR2IE: Timer2 to PR2 Match Interrupt Enable bit(1)
1
= Enables the Timer2 to PR2 match interrupt
0
= Disables the Timer2 to PR2 match interrupt
bit 0
TMR1IE: Timer1 Overflow Interrupt Enable bit
1
= Enables the Timer1 overflow interrupt
0
= Disables the Timer1 overflow interrupt
Note 1:
PIC16F616/16HV616 only. PIC16F610/16HV610 unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com