Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F610-E/PSQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F610-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/PSQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F610-E/PSQTP Datasheet HTML 13Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 14Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 15Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 16Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 17Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 20Page - Microchip Technology PIC16F610-E/PSQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 15
PIC16F610/616/16HV610/616
TABLE 2-2:
PIC16F610/616/16HV610/616 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
22, 113
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
17, 113
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
22, 113
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
16, 113
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
22, 113
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
31, 113
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
40, 113
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
22, 113
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
18, 113
8Ch
PIE1
—ADIE(3)
CCP1IE(3)
C2IE
C1IE
—TMR2IE(3)
TMR1IE
-000 0-00
19, 113
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
21, 113
8Fh
—
Unimplemented
—
—
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
29, 113
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3(3)
ANS2(3)
ANS1
ANS0
1111 1111
32, 114
92h
PR2(3)
Timer2 Module Period Register
1111 1111
53, 114
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
33, 114
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
33, 114
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
SRCON0
SR1
SR0
C1SEN
C2REN
PULSS
PULSR
—
SRCLKEN
0000 00-0
67, 114
9Ah
SRCON1
SRCS1
SRCS0
—
—
—
—
—
—
00-- ----
67, 114
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL(3)
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
78, 114
9Fh
ADCON1(3)
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
77, 114
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
RA3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.
3:
PIC16F616/16HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com