Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012A-20E/P Datasheet(PDF) 46 Page - Microchip Technology

Part # DSPIC30F2012A-20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/P Datasheet(HTML) 46 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/P Datasheet HTML 42Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 43Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 44Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 45Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 46Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 47Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 48Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 49Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 44
© 2006 Microchip Technology Inc.
4.2.3
MODULO ADDRESSING
APPLICABILITY
Modulo Addressing can be applied to the Effective
Address (EA) calculation associated with any W regis-
ter. It is important to realize that the address bound-
aries check for addresses less than, or greater than the
upper (for incrementing buffers), and lower (for decre-
menting buffers) boundary addresses (not just equal
to). Address changes may, therefore, jump beyond
boundaries and still be adjusted correctly.
4.3
Bit-Reversed Addressing
Bit-Reversed Addressing is intended to simplify data
re-ordering for radix-2 FFT algorithms. It is supported
by the X AGU for data writes only.
The modifier, which may be a constant value or register
contents, is regarded as having its bit order reversed. The
address source and destination are kept in normal order.
Thus, the only operand requiring reversal is the modifier.
4.3.1
BIT-REVERSED ADDRESSING
IMPLEMENTATION
Bit-Reversed Addressing is enabled when:
1.
BWM (W register selection) in the MODCON
register is any value other than ‘15’ (the stack
cannot
be
accessed
using
Bit-Reversed
Addressing) and
2.
the BREN bit is set in the XBREV register and
3.
the addressing mode used is Register Indirect
with Pre-Increment or Post-Increment.
If the length of a bit-reversed buffer is M = 2N bytes,
then the last ‘N’ bits of the data buffer Start address
must be zeros.
XB<14:0> is the bit-reversed address modifier or ‘pivot
point’ which is typically a constant. In the case of an
FFT computation, its value is equal to half of the FFT
data buffer size.
When enabled, Bit-Reversed Addressing is only exe-
cuted for register indirect with pre-increment or post-
increment addressing and word-sized data writes. It
does not function for any other addressing mode or for
byte-sized data. Normal addresses are generated
instead. When Bit-Reversed Addressing is active, the
W address pointer is always added to the address
modifier (XB) and the offset associated with the Regis-
ter Indirect Addressing mode is ignored. In addition, as
word-sized data is a requirement, the LSb of the EA is
ignored (and always clear).
If Bit-Reversed Addressing has already been enabled
by setting the BREN (XBREV<15>) bit, then a write to
the XBREV register should not be immediately followed
by an indirect read operation using the W register that
has been designated as the bit-reversed pointer.
Note:
The modulo corrected Effective Address is
written back to the register only when Pre-
Modify or Post-Modify Addressing mode is
used to compute the Effective Address.
When an address offset (e.g., [W7+W2]) is
used, Modulo address correction is per-
formed, but the contents of the register
remain unchanged.
Note:
All bit-reversed EA calculations assume
word-sized data (LSb of every EA is
always clear). The XB value is scaled
accordingly to generate compatible (byte)
addresses.
Note:
Modulo
Addressing
and
Bit-Reversed
Addressing
should
not
be
enabled
together. In the event that the user attempts
to
do
this,
Bit-Reversed
Addressing
assumes priority when active for the X
WAGU, and X WAGU Modulo Addressing
is disabled. However, Modulo Addressing
continues to function in the X RAGU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com