Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012A-20E/P Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC30F2012A-20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A-20E/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC30F2012A-20E/P Datasheet HTML 45Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 46Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 47Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 48Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 49Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 50Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 51Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 52Page - Microchip Technology DSPIC30F2012A-20E/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 47
dsPIC30F2011/2012/3012/3013
5.0
FLASH PROGRAM MEMORY
The dsPIC30F family of devices contains internal pro-
gram Flash memory for executing user code. There are
two methods by which the user can program this
memory:
1.
Run-Time Self-Programming (RTSP)
2.
In-Circuit Serial Programming™ (ICSP™)
5.1
In-Circuit Serial Programming
(ICSP)
dsPIC30F devices can be serially programmed while in
the end application circuit. This is simply done with two
lines for Programming Clock and Programming Data
(which are named PGC and PGD respectively), and
three other lines for Power (VDD), Ground (VSS) and
Master Clear (MCLR). This allows customers to manu-
facture boards with unprogrammed devices, and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware or a
custom firmware to be programmed.
5.2
Run-Time Self-Programming
(RTSP)
RTSP is accomplished using TBLRD (table read) and
TBLWT
(table write) instructions.
With RTSP, the user may erase program memory, 32
instructions (96 bytes) at a time and can write program
memory data, 32 instructions (96 bytes) at a time.
5.3
Table Instruction Operation
Summary
The TBLRDL and the TBLWTL instructions are used to
read or write to bits<15:0> of program memory.
TBLRDL
and TBLWTL can access program memory in
Word or Byte mode.
The TBLRDH and TBLWTH instructions are used to read
or write to bits<23:16> of program memory. TBLRDH
and TBLWTH can access program memory in Word or
Byte mode.
A 24-bit program memory address is formed using
bits<7:0> of the TBLPAG register and the Effective
Address (EA) from a W register specified in the table
instruction, as shown in Figure 5-1.
FIGURE 5-1:
ADDRESSING FOR TABLE AND NVM REGISTERS
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
0
Program Counter
24 bits
NVMADRU Reg
8 bits
16 bits
Program
Using
TBLPAG Reg
8 bits
Working Reg EA
16 bits
Using
Byte
24-bit EA
1/0
0
1/0
Select
Table
Instruction
NVMADR
Addressing
Counter
Using
NVMADR Reg EA
User/Configuration
Space Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com