Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011A20E/P Datasheet(PDF) 40 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 40 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 36Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 37Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 38Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 39Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 40Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 41Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 42Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 43Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 205 page
background image
TABLE 3-3:
CORE REGISTER MAP
SFR Name
Address
(Home)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
W0
0000
W0/WREG
0000 0000 0000 0000
W1
0002
W1
0000 0000 0000 0000
W2
0004
W2
0000 0000 0000 0000
W3
0006
W3
0000 0000 0000 0000
W4
0008
W4
0000 0000 0000 0000
W5
000A
W5
0000 0000 0000 0000
W6
000C
W6
0000 0000 0000 0000
W7
000E
W7
0000 0000 0000 0000
W8
0010
W8
0000 0000 0000 0000
W9
0012
W9
0000 0000 0000 0000
W10
0014
W10
0000 0000 0000 0000
W11
0016
W11
0000 0000 0000 0000
W12
0018
W12
0000 0000 0000 0000
W13
001A
W13
0000 0000 0000 0000
W14
001C
W14
0000 0000 0000 0000
W15
001E
W15
0000 1000 0000 0000
SPLIM
0020
SPLIM
0000 0000 0000 0000
ACCAL
0022
ACCAL
0000 0000 0000 0000
ACCAH
0024
ACCAH
0000 0000 0000 0000
ACCAU
0026
Sign Extension (ACCA<39>)
ACCAU
0000 0000 0000 0000
ACCBL
0028
ACCBL
0000 0000 0000 0000
ACCBH
002A
ACCBH
0000 0000 0000 0000
ACCBU
002C
Sign Extension (ACCB<39>)
ACCBU
0000 0000 0000 0000
PCL
002E
PCL
0000 0000 0000 0000
PCH
0030
—
—
—
—
—
—
—
—
—PCH
0000 0000 0000 0000
TBLPAG
0032
—
—
—
—
—
—
—
—TBLPAG
0000 0000 0000 0000
PSVPAG
0034
—
—
—
—
—
—
—
—
PSVPAG
0000 0000 0000 0000
RCOUNT
0036
RCOUNT
uuuu uuuu uuuu uuuu
DCOUNT
0038
DCOUNT
uuuu uuuu uuuu uuuu
DOSTARTL
003A
DOSTARTL
0
uuuu uuuu uuuu uuu0
DOSTARTH
003C
—
—
—
—
—
—
—
—
—DOSTARTH
0000 0000 0uuu uuuu
DOENDL
003E
DOENDL
0
uuuu uuuu uuuu uuu0
DOENDH
0040
—
—
—
—
—
—
—
—
—
DOENDH
0000 0000 0uuu uuuu
SR
0042
OA
OB
SA
SB
OAB
SAB
DA
DC
IPL2
IPL1
IPL0
RA
N
OV
Z
C
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com