Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011A20E/P Datasheet(PDF) 41 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 37Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 38Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 39Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 40Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 41Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 42Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 43Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 44Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 205 page
background image
CORCON
0044
—
—
—
US
EDT
DL2
DL1
DL0
SATA
SATB
SATDW
ACCSAT
IPL3
PSV
RND
IF
0000 0000 0010 0000
MODCON
0046
XMODEN
YMODEN
—
—
BWM<3:0>
YWM<3:0>
XWM<3:0>
0000 0000 0000 0000
XMODSRT
0048
XS<15:1>
0
uuuu uuuu uuuu uuu0
XMODEND
004A
XE<15:1>
1
uuuu uuuu uuuu uuu1
YMODSRT
004C
YS<15:1>
0
uuuu uuuu uuuu uuu0
YMODEND
004E
YE<15:1>
1
uuuu uuuu uuuu uuu1
XBREV
0050
BREN
XB<14:0>
uuuu uuuu uuuu uuuu
DISICNT
0052
—
—
DISICNT<13:0>
0000 0000 0000 0000
TABLE 3-3:
CORE REGISTER MAP (CONTINUED)
SFR Name
Address
(Home)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com