Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011A20E/P Datasheet(PDF) 101 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 101 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 97Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 98Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 99Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 100Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 101Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 102Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 103Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 104Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 205 page
background image
TABLE 14-2:
I2C REGISTER MAP
SFR Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
I2CRCV
0200
—
—
—
—
—
—
—
—
Receive Register
0000 0000 0000 0000
I2CTRN
0202
—
—
—
—
—
—
—
—
Transmit Register
0000 0000 1111 1111
I2CBRG
0204
—
—
—
—
—
—
—
Baud Rate Generator
0000 0000 0000 0000
I2CCON
0206
I2CEN
—
I2CSIDL SCLREL IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0001 0000 0000 0000
I2CSTAT
0208
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
0000 0000 0000 0000
I2CADD
020A
—
—
—
—
—
—
Address Register
0000 0000 0000 0000
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com