Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011A20E/P Datasheet(PDF) 107 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 107 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 103Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 104Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 105Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 106Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 107Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 108Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 109Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 105
dsPIC30F2011/2012/3012/3013
15.5.2
FRAMING ERROR (FERR)
The FERR bit (UxSTA<2>) is set if a ‘0’ is detected
instead of a Stop bit. If two Stop bits are selected, both
Stop bits must be ‘1’, otherwise FERR will be set. The
read-only FERR bit is buffered along with the received
data. It is cleared on any Reset.
15.5.3
PARITY ERROR (PERR)
The PERR bit (UxSTA<3>) is set if the parity of the
received word is incorrect. This error bit is applicable
only if a Parity mode (odd or even) is selected. The
read-only PERR bit is buffered along with the received
data bytes. It is cleared on any Reset.
15.5.4
IDLE STATUS
When the receiver is active (i.e., between the initial
detection of the Start bit and the completion of the Stop
bit), the RIDLE bit (UxSTA<4>) is ‘0’. Between the com-
pletion of the Stop bit and detection of the next Start bit,
the RIDLE bit is ‘1’, indicating that the UART is Idle.
15.5.5
RECEIVE BREAK
The receiver will count and expect a certain number of
bit times based on the values programmed in the
PDSEL (UxMODE<2:1>) and STSEL (UxMODE<0>)
bits.
If the break is longer than 13 bit times, the reception is
considered complete after the number of bit times
specified by PDSEL and STSEL. The URXDA bit is set,
FERR is set, zeros are loaded into the receive FIFO,
interrupts are generated if appropriate and the RIDLE
bit is set.
When the module receives a long break signal and the
receiver has detected the Start bit, the data bits and the
invalid Stop bit (which sets the FERR), the receiver
must wait for a valid Stop bit before looking for the next
Start bit. It cannot assume that the break condition on
the line is the next Start bit.
Break is regarded as a character containing all ‘0’s with
the FERR bit set. The Break character is loaded into
the buffer. No further reception can occur until a Stop bit
is received. Note that RIDLE goes high when the Stop
bit has not yet been received.
15.6
Address Detect Mode
Setting the ADDEN bit (UxSTA<5>) enables this spe-
cial mode in which a 9th bit (URX8) value of ‘1’ identi-
fies the received word as an address, rather than data.
This mode is only applicable for 9-bit data communica-
tion. The URXISEL control bit does not have any
impact on interrupt generation in this mode since an
interrupt (if enabled) will be generated every time the
received word has the 9th bit set.
15.7
Loopback Mode
Setting the LPBACK bit enables this special mode in
which the UxTX pin is internally connected to the UxRX
pin. When configured for the Loopback mode, the
UxRX pin is disconnected from the internal UART
receive logic. However, the UxTX pin still functions as
in a normal operation.
To select this mode:
a)
Configure UART for desired mode of operation.
b)
Set LPBACK = 1 to enable Loopback mode.
c)
Enable transmission as defined in Section 15.3
“Transmitting Data”.
15.8
Baud Rate Generator
The UART has a 16-bit Baud Rate Generator to allow
maximum flexibility in baud rate generation. The Baud
Rate Generator register (UxBRG) is readable and
writable. The baud rate is computed as follows:
BRG = 16-bit value held in UxBRG register
(0 through 65535)
FCY = Instruction Clock Rate (1/TCY)
The baud rate is given by Equation 15-1.
EQUATION 15-1:
BAUD RATE
Therefore, the maximum baud rate possible is:
FCY /16 (if BRG = 0),
and the minimum baud rate possible is:
FCY / (16* 65536).
With a full 16-bit Baud Rate Generator at 30 MIPS
operation, the minimum baud rate achievable is
28.5 bps.
Baud Rate = FCY / (16*(BRG+1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com