Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011A20E/P Datasheet(PDF) 112 Page - Microchip Technology

Part # DSPIC30F2011A20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011A20E/P Datasheet(HTML) 112 Page - Microchip Technology

Back Button DSPIC30F2011A20E/P Datasheet HTML 108Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 109Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 113Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 114Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2011A20E/P Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 110
© 2006 Microchip Technology Inc.
16.1
A/D Result Buffer
The module contains a 16-word dual port read-only
buffer, called ADCBUF0...ADCBUFF, to buffer the A/D
results. The RAM is 12 bits wide but the data obtained
is represented in one of four different 16-bit data for-
mats. The contents of the sixteen A/D Conversion
Result Buffer registers, ADCBUF0 through ADCBUFF,
cannot be written by user software.
16.2
Conversion Operation
After the ADC module has been configured, the sample
acquisition is started by setting the SAMP bit. Various
sources, such as a programmable bit, timer time-outs
and external events, will terminate acquisition and start
a conversion. When the A/D conversion is complete,
the result is loaded into ADCBUF0...ADCBUFF, and
the DONE bit and the A/D interrupt flag, ADIF, are set
after the number of samples specified by the SMPI bit.
The ADC module can be configured for different inter-
rupt rates as described in Section 16.3 “Selecting the
Conversion Sequence”.
The following steps should be followed for doing an
A/D conversion:
1.
Configure the ADC module:
• Configure analog pins, voltage reference and
digital I/O
• Select A/D input channels
• Select A/D conversion clock
• Select A/D conversion trigger
• Turn on ADC module
2.
Configure A/D interrupt (if required):
• Clear ADIF bit
• Select A/D interrupt priority
3.
Start sampling
4.
Wait the required acquisition time
5.
Trigger acquisition end, start conversion
6.
Wait for A/D conversion to complete, by either:
• Waiting for the A/D interrupt, or
• Waiting for the DONE bit to get set
7.
Read A/D result buffer; clear ADIF if required
16.3
Selecting the Conversion
Sequence
Several groups of control bits select the sequence in
which the A/D connects inputs to the sample/hold
channel, converts a channel, writes the buffer memory
and generates interrupts.
The sequence is controlled by the sampling clocks.
The SMPI bits select the number of acquisition/
conversion sequences that would be performed before
an interrupt occurs. This can vary from 1 sample per
interrupt to 16 samples per interrupt.
The BUFM bit will split the 16-word results buffer into
two 8-word groups. Writing to the 8-word buffers will be
alternated on each interrupt event.
Use of the BUFM bit will depend on how much time is
available for the moving of the buffers after the
interrupt.
If the processor can quickly unload a full buffer within
the time it takes to acquire and convert one channel,
the BUFM bit can be ‘0’ and up to 16 conversions (cor-
responding to the 16 input channels) may be done per
interrupt. The processor will have one acquisition and
conversion time to move the sixteen conversions.
If the processor cannot unload the buffer within the
acquisition and conversion time, the BUFM bit should be
‘1’. For example, if SMPI<3:0> (ADCON2<5:2>) = 0111,
then eight conversions will be loaded into 1/2 of the
buffer, following which an interrupt occurs. The next
eight conversions will be loaded into the other 1/2 of the
buffer. The processor will have the entire time between
interrupts to move the eight conversions.
The ALTS bit can be used to alternate the inputs
selected during the sampling sequence. The input
multiplexer has two sets of sample inputs: MUX A and
MUX B. If the ALTS bit is ‘0’, only the MUX A inputs are
selected for sampling. If the ALTS bit is ‘1’ and
SMPI<3:0> = 0000 on the first sample/convert
sequence, the MUX A inputs are selected and on the
next acquire/convert sequence, the MUX B inputs are
selected.
The CSCNA bit (ADCON2<10>) will allow the multi-
plexer input to be alternately scanned across a
selected number of analog inputs for the MUX A group.
The inputs are selected by the ADCSSL register. If a
particular bit in the ADCSSL register is ‘1’, the corre-
sponding input is selected. The inputs are always
scanned from lower to higher numbered inputs, starting
after each interrupt. If the number of inputs selected is
greater than the number of samples taken per interrupt,
the higher numbered inputs are unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com