Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8691AUJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8691AUJZ-R2
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691AUJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8691AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8691/AD8692/AD8694
Data Sheet
Rev. F | Page 8 of 16
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±2.5V
AV = 100
AV = 10
AV = 1
Figure 17. Closed-Loop Output Impedance vs. Frequency
1
10
100
1k
LOAD CAPACITANCE (pF)
0
5
10
15
20
25
30
35
40
VS = 5V AND 2.7V
RL =
∞
AV = –1
Figure 18. Small Signal Overshoot vs. Load Capacitance
TIME (200ns/DIV)
VS = ±2.5V, ±1.35V
RL = 10kΩ
CL = 200pF
AV = 1
Figure 19. Small Signal Transient Response
TIME (400ns/DIV)
VS = 5V
CL = 200pF
RL =
∞
AV = 1
Figure 20. Large Signal Transient Response
TIME (400ns/DIV)
VS = ±2.5V
AV = –50
–2.5
100
0
0
Figure 21. Positive Overload Recovery
TIME (400ns/DIV)
VS = ±2.5V
AV = –50
2.5
–100
0
0
Figure 22. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com