Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8691AUJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8691AUJZ-R2
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691AUJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8691AUJZ-R2 Datasheet HTML 1Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, Low Noise, CMOS,
RRO Operational Amplifiers
Data Sheet
AD8691/AD8692/AD8694
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Offset voltage: 400 µV typical
Low offset voltage drift: 6 µV/°C maximum (AD8692/AD8694)
Very low input bias currents: 1 pA maximum
Low noise: 8 nV/√Hz
Low distortion: 0.0006%
Wide bandwidth: 10 MHz
Unity-gain stable
Single-supply operation: 2.7 V to 6 V
Qualified for automotive applications
APPLICATIONS
Photodiode amplification
Battery-powered instrumentation
Medical instruments
Multipole filters
Sensors
Portable audio devices
GENERAL DESCRIPTION
The AD8691, AD8692, and AD8694 are low cost, single, dual,
and quad rail-to-rail output, single-supply amplifiers featuring
low offset and input voltages, low current noise, and wide signal
bandwidth. The combination of low offset, low noise, very low
input bias currents, and high speed make these amplifiers useful
in a wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from this
combination of performance features. Audio and other ac
applications benefit from the wide bandwidth and low
distortion of these devices.
Applications for these amplifiers include power amplifier (PA)
controls, laser diode control loops, portable and loop-powered
instrumentation, audio amplification for portable devices, and
ASIC input and output amplifiers.
The small SC70 and TSOT package options for the AD8691
allow it to be placed next to sensors, thereby reducing external
noise pickup.
The AD8691, AD8692, and AD8694 are specified over the
extended industrial temperature range of −40°C to +125°C.
The AD8691 single is available in 5-lead SC70 and 5-lead TSOT
packages. The AD8692 dual is available in 8-lead MSOP and
narrow SOIC surface-mount packages. The AD8694 quad is
available in 14-lead TSSOP and narrow 14-lead SOIC packages.
See the Ordering Guide section for automotive grades.
PIN CONFIGURATIONS
OUT
1
+IN
3
V–
2
V+
5
–IN
4
AD8691
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT
OUT A 1
V–
2
+IN A
3
V+
5
–IN
4
AD8691
Figure 2. 5-Lead SC70
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8692
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC and 8-Lead MSOP
1
2
3
4
5
6
7
AD8694
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead SOIC and 14-Lead TSSOP


Similar Part No. - AD8691AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8691AUJZ-R2 AD-AD8691AUJZ-R2 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691AUJZ-R2 AD-AD8691AUJZ-R2 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8691AUJZ-R2 AD-AD8691AUJZ-R2 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
AD8691AUJZ-R2 AD-AD8691AUJZ-R2 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results

Similar Description - AD8691AUJZ-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com