Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-4ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4000-4ARZ-R7
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-4ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4000-4ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4000-4ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADA4000-1/ADA4000-2/ADA4000-4
Rev. B | Page 7 of 16
120
20
100
10M
FREQUENCY (Hz)
40
60
80
100
1k
10k
100k
1M
VS = ±15V
TA = 25°C
Figure 13. Common-Mode Rejection Ratio vs. Frequency, VS = ±15 V
15
–15
TIME (1µs/DIV)
–5
10
0
5
–10
VS = ±15V
AV = +1
RL = 2kΩ
TA = 25°C
Figure 14. Large Signal Transient Response, VS = ±15 V
TIME (2µs/DIV)
VS = ±15V
CL = 300pF
AV = +1
TA = 25°C
Figure 15. Small Signal Transient Response, VS = ±15 V
100
20
1k
10M
FREQUENCY (Hz)
60
10k
100k
1M
80
40
VS = ±5V
TA = 25°C
Figure 16. Common-Mode Rejection Ratio vs. Frequency, VS = ±5 V
TIME (1µs/DIV)
4
3
2
1
0
–1
–2
–3
–4
VS = ±5V
AV = –1
RL = 2kΩ
TA = 25°C
Figure 17. Large Signal Transient Response, VS = ±5 V
TIME (2µs/DIV)
VS = ±5V
CL = 300pF
AV = +1
TA = 25°C
Figure 18. Small Signal Transient Response, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com